PART |
Description |
Maker |
SC-A1421-FREQ SC-A1420-FREQ SC-A142X SC-1420-FREQ |
Crystal Clock Oscillators 晶体时钟振荡 SE Series Environmentally Sealed Basic Switch, Single Pole Normally Open Circuitry, 5 A at 250 Vac, Pin Plunger Actuator, Solder (Turret) Termination SE Series Environmentally Sealed Basic Switch, Single Pole Normally Closed Circuitry, 5 A at 250 Vac, Pin Plunger Actuator, Leadwire Termination SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 7 A, Pin Plunger Actuator, Solder Termination
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
ST72AN420 |
Switch, Single Actuator, Toggle
|
Fujisoku Corporation
|
SC-A142C SC-1420 SC-1421 SC-1427 SC-1429 SC-142A S |
CRYSTAL CLOCK OSCILLATORS SE Series Environmentally Sealed Basic Switch, Single Pole Double Throw Circuitry, 5 A at 250 Vac, Pin Plunger Actuator, Solder (Turret) Termination SE Series Environmentally Sealed Basic Switch, Single Pole Normally Closed Circuitry, 5 A at 250 Vac, Pin Plunger Actuator, Solder (Turret) Termination SE Series Environmentally Sealed Basic Switch, Single Pole Double Throw Circuitry, 5 A at 250 Vac, Pin Plunger Actuator, Quick-connect (H58) Termination
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
1241.3260 1241.3123 |
SPECIAL SWITCH-PIEZO SWITCH, SPST, MOMENTARY, 0.1A, 60VDC, PANEL MOUNT Vandal Resistant Pushbutton Switch; Actuator Diameter:19mm; Circuitry:SPST-NO; Contact Current Max:2.6A; Mounting Type: PCB; Switch Function:SPST-NO
|
SCHURTER INC
|
HD74ACT541FP |
BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Straight Lever Actuator, Screw Termination, Silver Contacts, UL, CSA, ENEC 8位非反向缓冲驱动
|
Honeywell International, Inc.
|
RZ1040 RZ1065 RZ1150 RZ1175 RZ1200 EZ0150 RZ1030 R |
Avalanche Diodes with built-in Thyristor 150 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZM Series, Subminiature Basic Switch, SPDT, 125 Vac/30 Vdc, 0.1 A, Pin Plunger Actuator, Quick Connect Termination YZ Series Standard Basic Switch, Single Pole Normally Open Circuitry, 15 A at 250 Vac, Pin Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Gold Contacts, Quick Connect Termination Silver Contacts, Screw Termination, CE, CSA, SEMKO 100 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
SANKEN[Sanken electric] Sanken Electric Co.,Ltd. SANKEN ELECTRIC CO LTD
|
SM5010BK1S SM5010BH2S SM5010AN1S SM5010AN2S SM5010 |
AC OUTPUT MODULE NON ZERO CROSS 晶体振荡器模块集成电 Slide Switch; Circuitry:SPST; Contact Current Max:4A; Switch Operation:On-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Right Angle Actuator RoHS Compliant: Yes 晶体振荡器模块集成电 Crystal Oscillator Module ICs
|
Nippon Precision Circuits I... Seiko NPC, Corp. Seiko NPC Corporation NPC[Nippon Precision Circuits Inc] Nippon Precision Circui...
|
QD5C090-50 CJ5C090-50 CJ5C090-60 LD5C090-60 MD5C09 |
Rotary Switch; No. of Switch Positions:5; Circuitry:DPST; Contact Current Max:250mA; Contact Rating:250mA at 125VAC; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Flatted Actuator; Switch Function:DPST UV-Erasable/OTP PLD UV-Erasable/OTP可编程逻辑器件
|
TE Connectivity, Ltd.
|
HD6845RP HD68B45SP |
AS Series Tandem Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, Silver Contacts, Quick Connect Termination, Corrosion Resistant Steel Housing Non-VGA Video Controller 非VGA视频控制
|
Rohm Co., Ltd.
|
ESCJ-2-5TR ESCJ-2-5 |
SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination E系列280功分5 - 200兆赫 E-Series 2-Way 180 Power Divider 5 - 200 MHz E系列280功分5 - 200兆赫
|
TE Connectivity, Ltd. MACOM[Tyco Electronics]
|
|